Part Number Hot Search : 
A1390 47SN425N MRF9030 U60D15 SLL14AS 11407560 PG106R 2SK33
Product Description
Full Text Search
 

To Download BAS70-00-V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAS70-00-V to BAS70-06-V
Vishay Semiconductors
Small Signal Schottky Diodes, Single & Dual
Features
* These diodes feature very low turn-on voltage and fast switching e3 * These devices are protected by a PN junction guard ring against excessive voltage, such as electrostatic discharges * Lead (Pb)-free component * Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC
BAS70-00-V
3
BAS70-04-V
3
Top View
1 2 1 2
BAS70-05-V
BAS70-06-V
3
Mechanical Data
Case: SOT23 Plastic case Weight: approx. 8.8 mg Packaging Codes/Options: GS18 / 10 k per 13" reel (8 mm tape), 10 k/box GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
1
18439
3
Top View
2
1
2
Parts Table
Part BAS70-00-V BAS70-04-V BAS70-05-V BAS70-06-V Ordering code BAS70-00-V-GS18 or BAS70-00-V-GS08 BAS70-04-V-GS18 or BAS70-04-V-GS08 BAS70-05-V-GS18 or BAS70-05-V-GS08 BAS70-06-V-GS18 or BAS70-06-V-GS08 73 74 75 76 Type Marking Remarks Tape and Reel Tape and Reel Tape and Reel Tape and Reel
Absolute Maximum Ratings
Tamb = 25 C, unless otherwise specified Parameter Repetitive peak reverse voltage Forward continuous current Surge forward current Power dissipation
1) 1)
Test condition
Symbol VRRM = VRWM = VR IF
Value 70 200 600
1) 1)
Unit V mA mA mW
tp < 1 s
IFSM Ptot
2001)
Device on fiberglass substrate, see layout on next page
Thermal Characteristics
Tamb = 25 C, unless otherwise specified Parameter Thermal resistance junction to ambient air Junction temperature Storage temperature range
1)
Test condition
Symbol RthJA Tj Tstg
Value 5001) 125 - 65 to + 125
Unit K/W C C
Device on fiberglass substrate, see layout on next page
Document Number 85702 Rev. 1.7, 27-Sep-06
www.vishay.com 1
BAS70-00-V to BAS70-06-V
Vishay Semiconductors Electrical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Reverse breakdown voltage Leakage current Forward voltage Forward voltage
1)
Test condition IR = 10 A (pulsed) VR = 50 V IF = 1.0 mA IF = 15 mA, VR = 0 V, f = 1 MHz IF = IR = 10 mA, iR = 1 mA, RL = 100
Symbol V(BR) IR VF VF CD trr
Min 70
Typ. 20
Max 100 410 1000
Unit V nA mV mV pF ns
Diode capacitance Reverse recovery time
1)
1.5
2 5
Pulse test; tp 300 s
Layout for RthJA test
Thickness: Fiberglass 1.5 mm (0.059 in.) Copper leads 0.3 mm (0.012 in.)
7.5 (0.3) 3 (0.12)
1 (0.4) 12 (0.47) 15 (0.59) 0.8 (0.03)
2 (0.8) 1 (0.4) 2 (0.8)
5 (0.2)
1.5 (0.06) 5.1 (0.2)
17451
www.vishay.com 2
Document Number 85702 Rev. 1.7, 27-Sep-06
BAS70-00-V to BAS70-06-V
Vishay Semiconductors Package Dimensions in mm (Inches): SOT23
17418
Document Number 85702 Rev. 1.7, 27-Sep-06
www.vishay.com 3
BAS70-00-V to BAS70-06-V
Vishay Semiconductors Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements. 2. Regularly and continuously improve the performance of our products, processes, distribution and operating systems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany
www.vishay.com 4
Document Number 85702 Rev. 1.7, 27-Sep-06
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of BAS70-00-V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X